Part Number Hot Search : 
IP4223 BT222 IP4223 AD848JR 1N591 XD312 00232 NATIONAL
Product Description
Full Text Search
 

To Download E32D351HPN102MC67M Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  u32d large can 105 c united chemi-con, inc. 9801 w. higgins road, rosemont, il 60018 tel 847-696-2000 fax 847-696-9278 www.chemi-con.com 117 u32d series the u32d series allows for extremely high ripple currents for applications such as inverter designs and motor controllers. this series of capacitors offers very large capacitance of up to 2.2f and a maximum temperature rating of 105 c which allows a high operating temperature without sacrificing life. these capacitors are available with a variety of high current english or metric thread terminals. mounting options available are a three-footed clamp or bottom stud. (a special order two-footed clamp is also available for selected diameters.) all case size dimensions are based on inches. custom designs are available upon request. large can screw terminals high ripple 6.3 to 400vdc voltage range dimensions in inches rohs compliant 105 c maximum temperature screw terminals: high and low post, english and metric thread. capacitance range: 180? to 2.2f. voltage range: 6.3 to 400vdc. category temperature range: 40 cto 105 c. leakage current: 0.02cv(a) or 5ma, whichever is smaller, after 5 minutes at 25 c. standard capacitance tolerance: 20% nominal case size (d l): d = 35mm (1.375) to 89mm (3.500); l = 41mm (1.625) to 220mm (8.625). rated lifetime: 2,000 hours at 105 c with rated ripple current applied. summary of specifications
u32d large can 105 c u32d series united chemi-con, inc. 9801 w. higgins road, rosemont, il 60018 tel 847-696-2000 fax 847-696-9278 www.chemi-con.com 118 u32d specifications - screw terminals item category temperature range 40 to 105 c rated voltage range 6.3 to 400vdc capacitance range 180 f to 2.2f at 25 c, 120hz capacitance tolerance 20% ( m ) at 25 c, 120hz endurance (load life) the following specifications shall be satisfied when the capacitors are restored to 25 c after subjecting them to dc voltage for 2,000 hours at 105 c with the rated ripple current applied. the sum of the dc voltage and peak ac voltage must not exceed the full rated voltage of the capacitors. capacitance change: 20% from initial measurement esr change : 200% of initial specified limit leakage current : initial specified limit shelf test the following specifications shall be satisfied when the capacitors are restored to 25 c after exposing them for 500 hours at 105 c without voltage applied. the rated voltage shall be applied to the capacitors for a minimum of 30 minutes, at least 24 hours and not more than 48 hours before the measurements. capacitance change: 20% from initial measurement esr change : 200% of initial specified limit leakage current : initial specified limit characteristics leakage current i 0.02cv ( a ) or 5ma, whichever is smaller, after 5 minutes at 25 c. where i = max. leakage current ( a ), c = nominal capacitance ( f ) and v = rated voltage ( v ) rated ripple current multipliers ambient temperature ( c) 45 c 1.41 65 c 1.29 85 c 1.00 105 c 0.57 frequency (hz ) case diameter 35 - 76 35 51- 76 35 51 63 - 76 35 51- 63 76 35 - 89 50hz 0.95 0.90 0.95 0.82 0.90 0.95 0.80 0.81 0.82 0.80 120hz 1.00 1.00 1.00 1.00 1.00 1.00 1.00 1.00 1.00 1.00 300hz 1.03 1.06 1.03 1.12 1.06 1.03 1.19 1.14 1.12 1.19 1khz 1.05 1.10 1.05 1.22 1.10 1.05 1.34 1.26 1.22 1.34 10khz 1.09 1.18 1.09 1.30 1.18 1.09 1.46 1.36 1.30 1.46 50khz 1.12 1.22 1.12 1.33 1.22 1.12 1.52 1.41 1.33 1.52 dc rated voltage 6.3 - 50v 63 - 80v 100v 160 - 250v 315 - 400v
u32d large can 105 c united chemi-con, inc. 9801 w. higgins road, rosemont, il 60018 tel 847-696-2000 fax 847-696-9278 www.chemi-con.com 119 u32d series large can / screw terminals diagram of dimensions - screw terminals l f j insulating sleeve vent s t insulating end disk h d unit: inches (mm) case size code a41 a54 a67 a79 a92 aa5 ab7 ad0 ae3 c48 c54 c67 c79 c92 ca5 cb7 cd0 ce3 d79 da5 db7 dd0 de3 e92 ea5 eb7 ed0 ee3 en0 fa5 fb7 fe3 1.375 (35.0) 2.000 (50.8) 2.500 (63.5) 3.000 (76.2) 3.500 (89.0) 1.625 (41) 2.125 (54) 2.625 (67) 3.125 (79) 3.625 (92) 4.125 (105) 4.625 (117) 5.125 (130) 5.625 (143) 1.875 (48) 2.125 (54) 2.625 (67) 3.125 (79) 3.625 (92) 4.125 (105) 4.625 (117) 5.125 (130) 5.625 (143) 3.125 (79) 4.125 (105) 4.625 (117) 5.125 (130) 5.625 (143) 3.625 (92) 4.125 (105) 4.625 (117) 5.125 (130) 5.625 (143) 8.625 (220) 4.125 (105) 4.625 (117) 5.625 (143) d 0.080 (2.0) l 0.040 (1.0) 0.500 (12.7) 0.875 (22.2) 1.125 (28.6) 1.250 (31.8) 1.250 (31.8) f 0.010 (0.25) case dimensions terminal code hp lp hl ml cd cp ch ca cs c-e c-e c-e c-e d-e d-f d-f d-f d-f 0.375 (9.5) 0.219 (5.6) 0.375 (9.5) 0.219 (5.6) 0.335 (8.5) 0.344 (8.7) 0.468 (11.9) 0.344 (8.7) 0.468 (11.9) 0.250 (6.4) 0.063 (1.6) 0.250 (6.4) 0.063 (1.6) 0.200 (5.0) 0.093 (2.4) 0.250 (6.4) 0.093 (2.4) 0.250 (6.4) 0.313 (8.0) 0.313 (8.0) 0.313 (8.0) 0.313 (8.0) 0.512 (13.0) 0.689 (17.5) 0.689 (17.5) 0.689 (17.5) 0.689 (17.5) 0.438 (11.1) 0.438 (11.1) 0.438 (11.1) 0.740 (18.8) 1.375 ?3.000 (35.0 ?76.2) 1.375 ?3.000 (35.0 ?76.2) 1.375 ?3.000 (35.0 ?76.2) 1.375 ?3.000 (35.0 ?76.2) 2.500 ?3.000 (63.5 ?76.2) 2.500 ?3.500 (63.5 ?89.0) 2.500 ?3.500 (63.5 ?89.0) 2.500 ?3.500 (63.5 ?89.0) 2.500 ?3.500 (63.5 ?89.0) l j l j l j l j l j l j l j l j l j j 0.020 (0.5) s 0.010 (0.25) t 0.010 (0.25) available case diameter h 0.080 (2.0) terminal specifications thread size minimum thread depth 10 - 32 nf- 2b 10 - 32 nf- 2b m5x0.8 - 6h m5x0.8 - 6h m5x0.8 - 6h 1 / 4 - 28 nf- 2b 1 / 4 - 28 nf- 2b m6x1- 6h m6x1- 6h d code d inches (mm)
u32d large can 105 c u32d series united chemi-con, inc. 9801 w. higgins road, rosemont, il 60018 tel 847-696-2000 fax 847-696-9278 www.chemi-con.com 12 0 type c: clamp dimensions type c: three-footed clamp type s: stud mounting clamp: zinc with silver trivalent chromate post treatment. hardware: screw, washer and hexagon nut included with each clamp. g 1.0 (0.040) j 0.5 (0.020) k 0.5 (0.020) r 1.0 (0.040) s 1.0 (0.040) t 0.5 (0.020) 13.3 (0.524) 13.3 (0.524) 13.3 (0.524) 16.0 (0.630) 4.5 (0.177) 4.5 (0.177) 4.5 (0.177) 4.5 (0.177) 7.1 (0.280) 7.1 (0.280) 7.1 (0.280) 8.0 (0.313) 19.1 (0.751) 19.1 (0.751) 19.1 (0.751) 21.0 (0.827) 9.5 (0.374) 9.5 (0.374) 9.5 (0.374) 9.0 (0.354) 0.8 (0.032) 0.8 (0.032) 1.0 (0.040) 1.0 (0.040) a 1.0 (0.040) b 1.0 (0.040) case d mounting code 35.0 (1.375) 50.8 (2.000) 63.5 (2.500) 76.2 (3.000) 89.0 (3.500) see note c c c c 31.8 (1.250) 38.1 (1.500) 44.5 (1.750) 50.8 (2.000) 36.5 (1.437) 42.9 (1.689) 49.2 (1.937) 56.5 (2.224) mounting hardware - screw terminals unit: mm (inches) 360 3 30 45 5 15 d 5.1 0.5 (2 holes) (0.201 0.020) j g k ab r s t note: type b two-footed clamp available upon request for 35, 50.8, 63.5 and 76.2. consult ucc for specifications. p t mn r d q k type s: stud mounting dimensions n 1.0 (0.040) k 2.0 (0.080) q 1.0 (0.040) r 1.0 (0.040) 18.0 (0.709) 30.0 (1.181) 22.0 (0.866) 1.40 (0.055) t thread size m 1.0 (0.040) p 1.0 (0.040) mounting code 16.0 (0.630) s m12 19.0 (0.748)
united chemi-con, inc. 9801 w. higgins road, rosemont, il 60018 tel 847-696-2000 fax 847-696-9278 www.chemi-con.com 12 1 u32d series u32d large can 105 c supplement code. field 18. c = pet insulation with end disk. f = coated can. m = pb-free pvc insulation with end disk. case size. fields 15, 16 and 17. the single letter diameter code is inserted in field 15. a= 35mm ( 1.375) c= 50.8mm ( 2.000) d= 63.5mm ( 2.500) e= 76.2mm ( 3.000) f= 89mm ( 3.500) the double character length code is inserted in fields 16 and 17. for lengths 99mm, insert the actual length rounded to nearest millimeter. for lengths of 100mm or more, insert the appropriate alpha numeric code as indicated below. 41 = 41mm (1.625) 48 = 48mm (1.875) 54 = 54mm (2.125) 67 = 67mm (2.625) 79 = 79mm (3.125) 92 = 92mm (3.625) a5 = 105mm (4.125) b7 = 117mm (4.625) d0 = 130mm (5.125) e3 = 143mm (5.625) n0= 220mm (8.625) capacitance tolerance. field 14. m= 20% capacitance. fields 11, 12 and 13. expressed in microfarads. the first two digits are significant figures inserted in fields 11 and 12, and the third digit inserted in field 13 indicates the number of zeros for capacitance of 10 f or more. r indicates the decimal point for capacitance less than 10 f (e.g. 1r0 = 1.0 f; 100 = 10 f; 101 = 100 f; 102 = 1,000 f; 103 = 10,000 f). mounting hardware. field 10. n = none. b = two-footed clamp. c = three-footed clamp. s = stud mount. terminal type. fields 8 and 9. hp = high post 10-32 nf- 2b screw thread. lp = low post 10-32 nf- 2b screw thread. hl = high post m5x0.8 screw thread. ml = low post m5x0.8 screw thread. cd = ute m5x0.8 screw thread. cp = low post 1 / 4 -28 nf-2b screw thread. ch = high post 1 / 4 -28 nf-2b screw thread. ca = low post m6x1 screw thread. cs = high post m6x1 screw thread. dc rated voltage. fields 5, 6 and 7. expressed in volts. the first two digits are significant figures inserted in fields 5 and 6, and the third digit inserted in field 7 indicates the number of zeros for rated voltage of 10vdc or more. r indicates the decimal point for rated voltage less than 10vdc (e.g. 2r0 = 2.0vdc; 200 = 20vdc; 201 = 200vdc). series name. fields 2, 3 and 4. enter the 3-letter/digit series name in fields 2, 3 and 4. if the series name is only 2 letters /digits, place a dash in field 4. for a series name with more than 3 letters /digits, refer to the individual series for the appropriate 3-field series name. capacitor type. field 1. aluminum electrolytic capacitor (polar). part numbering system for u32d series when ordering, always specify complete 18-field global part number. e 3 2d 2 01 hp n 103 m d a5 m 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 18 9 8 7 6 5 4 3 2 1 18 fields
u32d series united chemi-con, inc. 9801 w. higgins road, rosemont, il 60018 tel 847-696-2000 fax 847-696-9278 www.chemi-con.com 12 2 u32d large can 105 c 16 volts 20 volts surge 10 volts 13 volts surge 6.3 volts 8 volts surge 39,000 e32d6r3hpn393ma41m 1.375 1.625 a41 39.9 7.03 68,000 e32d6r3hpn683ma54m 1.375 2.125 a54 24.0 9.62 82,000 e32d6r3hpn823ma67m 1.375 2.625 a67 19.5 10.87 120,000 e32d6r3hpn124ma79m 1.375 3.125 a79 14.5 13.76 150,000 e32d6r3hpn154ma92m 1.375 3.625 a92 12.2 15.53 180,000 e32d6r3hpn184maa5m 1.375 4.125 aa5 11.8 18.10 220,000 e32d6r3hpn224mad0m 1.375 5.125 ad0 9.1 20.93 82,000 e32d6r3hpn823mc48m 2.000 1.875 c48 22.1 11.19 120,000 e32d6r3hpn124mc54m 2.000 2.125 c54 16.2 13.53 180,000 e32d6r3hpn184mc67m 2.000 2.625 c67 11.3 17.11 220,000 e32d6r3hpn224mc79m 2.000 3.125 c79 9.2 20.41 330,000 e32d6r3hpn334mc92m 2.000 3.625 c92 7.7 24.76 390,000 e32d6r3hpn394mca5m 2.000 4.125 ca5 6.4 27.19 470,000 e32d6r3hpn474mcb7m 2.000 4.625 cb7 6.0 30.87 560,000 e32d6r3hpn564mce3m 2.000 5.625 ce3 4.9 35.78 390,000 e32d6r3hpn394md79m 2.500 3.125 d79 8.7 22.54 560,000 e32d6r3hpn564mda5m 2.500 4.125 da5 6.3 29.81 820,000 e32d6r3hpn824mdb7m 2.500 4.625 db7 5.7 32.97 680,000 e32d6r3hpn684me92m 3.000 3.625 e92 8.3 26.88 820,000 e32d6r3hpn824mea5m 3.000 4.125 ea5 7.2 30.40 1,000,000 e32d6r3hpn105meb7m 3.000 4.625 eb7 6.6 33.32 1,200,000 e32d6r3hpn125med0m 3.000 5.125 ed0 6.1 36.04 2,200,000 e32d6r3hpn225men0m 3.000 8.625 en0 4.0 56.03 33,000 e32d100hpn333ma41m 1.375 1.625 a41 39.7 7.03 56,000 e32d100hpn563ma54m 1.375 2.125 a54 24.3 9.55 68,000 e32d100hpn683ma67m 1.375 2.625 a67 19.6 10.79 100,000 e32d100hpn104ma79m 1.375 3.125 a79 14.6 13.71 120,000 e32d100hpn124ma92m 1.375 3.625 a92 12.5 14.66 150,000 e32d100hpn154mab7m 1.375 4.625 ab7 10.4 18.83 180,000 e32d100hpn184mad0m 1.375 5.125 ad0 9.2 20.80 68,000 e32d100hpn683mc48m 2.000 1.875 c48 22.2 11.13 100,000 e32d100hpn104mc54m 2.000 2.125 c54 16.3 13.48 150,000 e32d100hpn154mc67m 2.000 2.625 c67 11.4 17.11 180,000 e32d100hpn184mc79m 2.000 3.125 c79 9.3 20.28 270,000 e32d100hpn274mc92m 2.000 3.625 c92 7.8 24.76 390,000 e32d100hpn394mcb7m 2.000 4.625 cb7 6.0 30.55 470,000 e32d100hpn474mce3m 2.000 5.625 ce3 4.9 35.78 330,000 e32d100hpn334md79m 2.500 3.125 d79 8.8 22.40 470,000 e32d100hpn474mda5m 2.500 4.125 da5 6.4 29.81 560,000 e32d100hpn564mdb7m 2.500 4.625 db7 5.7 33.95 680,000 e32d100hpn684mdd0m 2.500 5.125 dd0 5.3 36.68 560,000 e32d100hpn564me92m 3.000 3.625 e92 8.3 26.88 680,000 e32d100hpn684mea5m 3.000 4.125 ea5 7.2 30.40 820,000 e32d100hpn824meb7m 3.000 4.625 eb7 6.5 33.32 1,000,000 e32d100hpn105med0m 3.000 5.125 ed0 6.1 36.04 1,800,000 e32d100hpn185men0m 3.000 8.625 en0 4.0 56.03 22,000 e32d160hpn223ma41m 1.375 1.625 a41 41.4 6.26 39,000 e32d160hpn393ma54m 1.375 2.125 a54 27.3 8.68 47,000 e32d160hpn473ma67m 1.375 2.625 a67 19.9 9.80 68,000 e32d160hpn683ma79m 1.375 3.125 a79 15.0 12.48 82,000 e32d160hpn823ma92m 1.375 3.625 a92 12.8 14.04 100,000 e32d160hpn104maa5m 1.375 4.125 aa5 11.1 16.47 120,000 e32d160hpn124mad0m 1.375 5.125 ad0 9.5 19.11 150,000 e32d160hpn154mae3m 1.375 5.625 ae3 9.3 21.33 47,000 e32d160hpn473mc48m 2.000 1.875 c48 22.7 10.18 68,000 e32d160hpn683mc54m 2.000 2.125 c54 16.7 12.38 100,000 e32d160hpn104mc67m 2.000 2.625 c67 11.7 15.75 120,000 e32d160hpn124mc79m 2.000 3.125 c79 9.6 18.66 ? for terminal, mounting and construction options, refer to the part numbering system for descriptions and codes. * refer to diagram of dimensions for detailed case size specifications. standard voltage ratings - screw terminals rated voltage (wvdc) capacitance (f) case size code global part number ? nominal case size* d l (inches) maximum esr (m ) at 25 c, 120hz rated ripple current (a rms) at 85 c, 120hz
united chemi-con, inc. 9801 w. higgins road, rosemont, il 60018 tel 847-696-2000 fax 847-696-9278 www.chemi-con.com 12 3 u32d series u32d large can 105 c 35 volts 44 volts surge 25 volts 32 volts surge 16 volts 20 volts surge ? for terminal, mounting and construction options, refer to the part numbering system for descriptions and codes. * refer to diagram of dimensions for detailed case size specifications. 15,000 e32d250hpn153ma41m 1.375 1.625 a41 41.3 6.27 22,000 e32d250hpn223ma54m 1.375 2.125 a54 27.7 8.20 33,000 e32d250hpn333ma67m 1.375 2.625 a67 19.5 9.88 47,000 e32d250hpn473ma79m 1.375 3.125 a79 16.6 12.53 56,000 e32d250hpn563ma92m 1.375 3.625 a92 12.8 13.71 68,000 e32d250hpn683maa5m 1.375 4.125 aa5 12.3 16.47 82,000 e32d250hpn823mad0m 1.375 5.125 ad0 9.4 19.11 33,000 e32d250hpn333mc48m 2.000 1.875 c48 22.4 10.23 47,000 e32d250hpn473mc54m 2.000 2.125 c54 16.6 12.42 68,000 e32d250hpn683mc67m 2.000 2.625 c67 11.7 15.68 82,000 e32d250hpn823mc79m 2.000 3.125 c79 9.6 18.76 120,000 e32d250hpn124mc92m 2.000 3.625 c92 7.6 22.73 180,000 e32d250hpn184mcb7m 2.000 4.625 cb7 6.1 28.80 220,000 e32d250hpn224mce3m 2.000 5.625 ce3 5.3 33.82 150,000 e32d250hpn154md79m 2.500 3.125 d79 8.9 21.63 220,000 e32d250hpn224mda5m 2.500 4.125 da5 6.5 28.62 270,000 e32d250hpn274mdb7m 2.500 4.625 db7 5.9 32.66 330,000 e32d250hpn334mde3m 2.500 5.625 de3 4.9 37.88 270,000 e32d250hpn274me92m 3.000 3.625 e92 8.6 25.92 330,000 e32d250hpn334mea5m 3.000 4.125 ea5 7.5 29.16 390,000 e32d250hpn394meb7m 3.000 4.625 eb7 6.8 32.31 470,000 e32d250hpn474med0m 3.000 5.125 ed0 6.3 35.16 820,000 e32d250hpn824men0m 3.000 8.625 en0 4.1 55.32 10,000 e32d350hpn103ma41m 1.375 1.625 a41 45.8 5.94 18,000 e32d350hpn183ma54m 1.375 2.125 a54 26.7 8.33 22,000 e32d350hpn223ma67m 1.375 2.625 a67 21.6 9.40 33,000 e32d350hpn333ma79m 1.375 3.125 a79 15.7 12.14 39,000 e32d350hpn393ma92m 1.375 3.625 a92 13.6 13.60 47,000 e32d350hpn473maa5m 1.375 4.125 aa5 11.8 15.95 56,000 e32d350hpn563mab7m 1.375 4.625 ab7 10.4 17.35 68,000 e32d350hpn683mae3m 1.375 5.625 ae3 8.9 20.57 22,000 e32d350hpn223mc48m 2.000 1.875 c48 24.1 9.86 33,000 e32d350hpn333mc54m 2.000 2.125 c54 17.4 12.15 47,000 e32d350hpn473mc67m 2.000 2.625 c67 12.4 15.34 68,000 e32d350hpn683mc79m 2.000 3.125 c79 9.4 18.76 82,000 e32d350hpn823mc92m 2.000 3.625 c92 7.9 22.26 100,000 e32d350hpn104mca5m 2.000 4.125 ca5 6.9 24.82 120,000 e32d350hpn124mcb7m 2.000 4.625 cb7 6.1 28.03 150,000 e32d350hpn154mce3m 2.000 5.625 ce3 5.2 33.12 100,000 e32d350hpn104md79m 2.500 3.125 d79 8.8 21.88 150,000 e32d350hpn154mda5m 2.500 4.125 da5 6.5 28.84 220,000 e32d350hpn224mdb7m 2.500 4.625 db7 5.8 32.08 180,000 e32d160hpn184mc92m 2.000 3.625 c92 7.5 22.89 220,000 e32d160hpn224mca5m 2.000 4.125 ca5 7.0 25.40 270,000 e32d160hpn274mcb7m 2.000 4.625 cb7 6.1 28.80 330,000 e32d160hpn334mce3m 2.000 5.625 ce3 5.2 33.82 220,000 e32d160hpn224md79m 2.500 3.125 d79 8.9 21.75 330,000 e32d160hpn334mda5m 2.500 4.125 da5 6.5 28.62 390,000 e32d160hpn394mdb7m 2.500 4.625 db7 5.9 32.66 470,000 e32d160hpn474mdd0m 2.500 5.125 dd0 5.4 34.54 390,000 e32d160hpn394me92m 3.000 3.625 e92 8.5 26.07 470,000 e32d160hpn474mea5m 3.000 4.125 ea5 7.4 29.56 560,000 e32d160hpn564meb7m 3.000 4.625 eb7 6.7 32.56 680,000 e32d160hpn684med0m 3.000 5.125 ed0 6.2 35.45 820,000 e32d160hpn824mee3m 3.000 5.625 ee3 5.4 37.58 1,200,000 e32d160hpn125men0m 3.000 8.625 en0 4.0 55.32 standard voltage ratings - screw terminals rated voltage (wvdc) capacitance (f) case size code global part number ? nominal case size* d l (inches) maximum esr (m ) at 25 c, 120hz rated ripple current (a rms) at 85 c, 120hz
u32d series united chemi-con, inc. 9801 w. higgins road, rosemont, il 60018 tel 847-696-2000 fax 847-696-9278 www.chemi-con.com 12 4 u32d large can 105 c 63 volts 79 volts surge 50 volts 63 volts surge 35 volts 44 volts surge ? for terminal, mounting and construction options, refer to the part numbering system for descriptions and codes. * refer to diagram of dimensions for detailed case size specifications. 5,600 e32d500hpn562ma41m 1.375 1.625 a41 52.2 5.66 10,000 e32d500hpn103ma54m 1.375 2.125 a54 30.3 7.25 15,000 e32d500hpn153ma67m 1.375 2.625 a67 21.3 9.01 18,000 e32d500hpn183ma79m 1.375 3.125 a79 17.9 10.92 22,000 e32d500hpn223ma92m 1.375 3.625 a92 15.1 12.58 27,000 e32d500hpn273maa5m 1.375 4.125 aa5 12.9 15.23 33,000 e32d500hpn333mab7m 1.375 4.625 ab7 12.5 17.22 39,000 e32d500hpn393mae3m 1.375 5.625 ae3 9.7 20.56 15,000 e32d500hpn153mc48m 2.000 1.875 c48 24.3 10.01 18,000 e32d500hpn183mc54m 2.000 2.125 c54 19.4 11.50 27,000 e32d500hpn273mc67m 2.000 2.625 c67 13.4 14.97 39,000 e32d500hpn393mc79m 2.000 3.125 c79 10.1 19.30 56,000 e32d500hpn563mc92m 2.000 3.625 c92 8.5 22.56 68,000 e32d500hpn683mcb7m 2.000 4.625 cb7 6.5 27.67 82,000 e32d500hpn823mcd0m 2.000 5.125 cd0 5.8 29.50 100,000 e32d500hpn104mce3m 2.000 5.625 ce3 5.6 34.03 68,000 e32d500hpn683md79m 2.500 3.125 d79 9.4 24.55 100,000 e32d500hpn104mda5m 2.500 4.125 da5 6.8 31.43 120,000 e32d500hpn124mdb7m 2.500 4.625 db7 5.9 34.04 150,000 e32d500hpn154mde3m 2.500 5.625 de3 5.1 37.63 120,000 e32d500hpn124me92m 3.000 3.625 e92 8.9 33.88 150,000 e32d500hpn154mea5m 3.000 4.125 ea5 7.8 36.22 180,000 e32d500hpn184meb7m 3.000 4.625 eb7 6.5 38.22 220,000 e32d500hpn224mee3m 3.000 5.625 ee3 5.7 44.44 330,000 e32d500hpn334men0m 3.000 8.625 en0 4.0 65.97 4,700 e32d630hpn472ma41m 1.375 1.625 a41 57.1 5.18 6,800 e32d630hpn682ma54m 1.375 2.125 a54 33.8 6.68 10,000 e32d630hpn103ma67m 1.375 2.625 a67 23.9 7.36 12,000 e32d630hpn123ma79m 1.375 3.125 a79 20.1 8.92 15,000 e32d630hpn153ma92m 1.375 3.625 a92 16.6 10.39 18,000 e32d630hpn183maa5m 1.375 4.125 aa5 14.3 12.44 22,000 e32d630hpn223mab7m 1.375 4.625 ab7 12.3 14.06 27,000 e32d630hpn273mad0m 1.375 5.125 ad0 12.1 16.36 10,000 e32d630hpn103mc48m 2.000 1.875 c48 26.7 8.18 12,000 e32d630hpn123mc54m 2.000 2.125 c54 21.5 9.39 22,000 e32d630hpn223mc67m 2.000 2.625 c67 14.8 13.52 27,000 e32d630hpn273mc79m 2.000 3.125 c79 10.8 16.06 39,000 e32d630hpn393mc92m 2.000 3.625 c92 9.1 20.62 47,000 e32d630hpn473mcb7m 2.000 4.625 cb7 6.9 23.00 56,000 e32d630hpn563mcd0m 2.000 5.125 cd0 6.2 26.34 68,000 e32d630hpn683mce3m 2.000 5.625 ce3 6.0 30.31 47,000 e32d630hpn473md79m 2.500 3.125 d79 9.6 22.05 68,000 e32d630hpn683mda5m 2.500 4.125 da5 6.9 29.84 82,000 e32d630hpn823mdb7m 2.500 4.625 db7 6.2 29.93 100,000 e32d630hpn104mde3m 2.500 5.625 de3 5.2 32.23 82,000 e32d630hpn823me92m 3.000 3.625 e92 8.9 29.71 100,000 e32d630hpn104mea5m 3.000 4.125 ea5 7.7 34.67 120,000 e32d630hpn124meb7m 3.000 4.625 eb7 6.9 35.58 150,000 e32d630hpn154mee3m 3.000 5.625 ee3 5.7 39.63 220,000 e32d630hpn224men0m 3.000 8.625 en0 4.0 53.86 220,000 e32d350hpn224me92m 3.000 3.625 e92 8.3 25.19 270,000 e32d350hpn274meb7m 3.000 4.625 eb7 6.6 32.81 330,000 e32d350hpn334med0m 3.000 5.125 ed0 6.2 35.45 390,000 e32d350hpn394mee3m 3.000 5.625 ee3 5.4 37.90 560,000 e32d350hpn564men0m 3.000 8.625 en0 4.0 56.03 standard voltage ratings - screw terminals rated voltage (wvdc) capacitance (f) case size code global part number ? nominal case size* d l (inches) maximum esr (m ) at 25 c, 120hz rated ripple current (a rms) at 85 c, 120hz
united chemi-con, inc. 9801 w. higgins road, rosemont, il 60018 tel 847-696-2000 fax 847-696-9278 www.chemi-con.com 12 5 u32d series u32d large can 105 c 160 volts 200 volts surge 100 volts 125 volts surge 80 volts 100 volts surge ? for terminal, mounting and construction options, refer to the part numbering system for descriptions and codes. * refer to diagram of dimensions for detailed case size specifications. 2,200 e32d800hpn222ma41m 1.375 1.625 a41 67.0 4.09 3,900 e32d800hpn392ma54m 1.375 2.125 a54 44.2 5.84 4,700 e32d800hpn472ma67m 1.375 2.625 a67 31.7 6.51 6,800 e32d800hpn682ma79m 1.375 3.125 a79 23.0 8.67 8,200 e32d800hpn822ma92m 1.375 3.625 a92 19.5 9.92 10,000 e32d800hpn103maa5m 1.375 4.125 aa5 19.0 10.36 12,000 e32d800hpn123mad0m 1.375 5.125 ad0 14.0 12.19 4,700 e32d800hpn472mc48m 2.000 1.875 c48 34.3 6.27 6,800 e32d800hpn682mc54m 2.000 2.125 c54 24.6 7.90 10,000 e32d800hpn103mc67m 2.000 2.625 c67 17.0 10.19 12,000 e32d800hpn123mc79m 2.000 3.125 c79 14.0 11.97 18,000 e32d800hpn183mc92m 2.000 3.625 c92 10.4 15.66 22,000 e32d800hpn223mca5m 2.000 4.125 ca5 9.9 18.36 27,000 e32d800hpn273mcb7m 2.000 4.625 cb7 8.5 21.35 33,000 e32d800hpn333mce3m 2.000 5.625 ce3 7.2 25.86 22,000 e32d800hpn223md79m 2.500 3.125 d79 10.6 16.52 33,000 e32d800hpn333mda5m 2.500 4.125 da5 7.6 22.84 39,000 e32d800hpn393mdb7m 2.500 4.625 db7 6.8 23.76 47,000 e32d800hpn473mdd0m 2.500 5.125 dd0 6.1 25.31 39,000 e32d800hpn393me92m 3.000 3.625 e92 8.9 23.66 47,000 e32d800hpn473mea5m 3.000 4.125 ea5 7.7 27.45 56,000 e32d800hpn563meb7m 3.000 4.625 eb7 6.9 31.38 68,000 e32d800hpn683med0m 3.000 5.125 ed0 6.4 33.51 120,000 e32d800hpn124men0m 3.000 8.625 en0 4.2 52.62 1,500 e32d101hpn152ma41m 1.375 1.625 a41 80.9 4.14 2,700 e32d101hpn272ma54m 1.375 2.125 a54 45.9 5.95 3,900 e32d101hpn392ma67m 1.375 2.625 a67 37.2 7.26 4,700 e32d101hpn472ma79m 1.375 3.125 a79 27.1 8.82 5,600 e32d101hpn562ma92m 1.375 3.625 a92 23.1 10.04 6,800 e32d101hpn682maa5m 1.375 4.125 aa5 19.5 11.03 8,200 e32d101hpn822mab7m 1.375 4.625 ab7 19.2 11.80 10,000 e32d101hpn103mae3m 1.375 5.625 ae3 14.1 13.44 3,900 e32d101hpn392mc48m 2.000 1.875 c48 39.9 6.59 4,700 e32d101hpn472mc54m 2.000 2.125 c54 28.7 7.59 6,800 e32d101hpn682mc67m 2.000 2.625 c67 20.0 9.70 10,000 e32d101hpn103mc79m 2.000 3.125 c79 14.5 12.62 12,000 e32d101hpn123mc92m 2.000 3.625 c92 12.2 14.77 15,000 e32d101hpn153mca5m 2.000 4.125 ca5 10.2 17.51 18,000 e32d101hpn183mcb7m 2.000 4.625 cb7 9.8 20.13 22,000 e32d101hpn223mce3m 2.000 5.625 ce3 7.5 24.38 15,000 e32d101hpn153md79m 2.500 3.125 d79 11.9 15.26 22,000 e32d101hpn223mda5m 2.500 4.125 da5 8.5 20.85 27,000 e32d101hpn273mdb7m 2.500 4.625 db7 7.4 24.22 33,000 e32d101hpn333mdd0m 2.500 5.125 dd0 6.6 28.05 39,000 e32d101hpn393mde3m 2.500 5.625 de3 6.3 31.82 27,000 e32d101hpn273me92m 3.000 3.625 e92 9.3 21.56 33,000 e32d101hpn333mea5m 3.000 4.125 ea5 8.0 25.20 39,000 e32d101hpn393meb7m 3.000 4.625 eb7 7.2 28.69 47,000 e32d101hpn473med0m 3.000 5.125 ed0 6.6 30.09 56,000 e32d101hpn563mee3m 3.000 5.625 ee3 6.1 34.25 82,000 e32d101hpn823men0m 3.000 8.625 en0 4.3 50.23 820 e32d161hpn821ma41m 1.375 1.625 a41 184.8 2.50 1,500 e32d161hpn152ma54m 1.375 2.125 a54 101.2 3.62 1,800 e32d161hpn182ma67m 1.375 2.625 a67 83.3 4.03 2,700 e32d161hpn272ma79m 1.375 3.125 a79 56.8 5.46 3,900 e32d161hpn392maa5m 1.375 4.125 aa5 40.0 7.47 4,700 e32d161hpn472mad0m 1.375 5.125 ad0 33.4 8.81 5,600 e32d161hpn562mae3m 1.375 5.625 ae3 28.6 10.06 standard voltage ratings - screw terminals rated voltage (wvdc) capacitance (f) case size code global part number ? nominal case size* d l (inches) maximum esr (m ) at 25 c, 120hz rated ripple current (a rms) at 85 c, 120hz
u32d series united chemi-con, inc. 9801 w. higgins road, rosemont, il 60018 tel 847-696-2000 fax 847-696-9278 www.chemi-con.com 12 6 u32d large can 105 c 250 volts 300 volts surge 200 volts 250 volts surge 160 volts 200 volts surge 680 e32d201hpn681ma41m 1.375 1.625 a41 192.4 2.28 1,000 e32d201hpn102ma54m 1.375 2.125 a54 128.5 2.96 1,500 e32d201hpn152ma67m 1.375 2.625 a67 86.3 3.68 1,800 e32d201hpn182ma79m 1.375 3.125 a79 71.8 4.46 2,200 e32d201hpn222ma92m 1.375 3.625 a92 59.1 5.14 2,700 e32d201hpn272maa5m 1.375 4.125 aa5 48.7 6.22 3,300 e32d201hpn332mab7m 1.375 4.625 ab7 40.4 7.03 3,900 e32d201hpn392mad0m 1.375 5.125 ad0 34.7 8.03 1,500 e32d201hpn152mc48m 2.000 1.875 c48 110.7 4.09 2,200 e32d201hpn222mc54m 2.000 2.125 c54 63.1 5.19 3,300 e32d201hpn332mc67m 2.000 2.625 c67 42.2 6.76 3,900 e32d201hpn392mc79m 2.000 3.125 c79 35.2 7.88 5,600 e32d201hpn562mc92m 2.000 3.625 c92 25.1 10.09 8,200 e32d201hpn822mcb7m 2.000 4.625 cb7 17.8 13.59 10,000 e32d201hpn103mce3m 2.000 5.625 ce3 14.8 16.44 6,800 e32d201hpn682md79m 2.500 3.125 d79 23.6 10.27 10,000 e32d201hpn103mda5m 2.500 4.125 da5 16.5 14.06 12,000 e32d201hpn123mdb7m 2.500 4.625 db7 13.8 16.14 15,000 e32d201hpn153mde3m 2.500 5.625 de3 11.5 19.74 12,000 e32d201hpn123me92m 3.000 3.625 e92 16.4 16.07 15,000 e32d201hpn153mea5m 3.000 4.125 ea5 13.7 18.99 18,000 e32d201hpn183meb7m 3.000 4.625 eb7 11.9 21.79 22,000 e32d201hpn223mee3m 3.000 5.625 ee3 9.8 26.29 33,000 e32d201hpn333men0m 3.000 8.625 en0 6.8 39.03 2,200 e32d161hpn222mc48m 2.000 1.875 c48 74.6 4.29 2,700 e32d161hpn272mc54m 2.000 2.125 c54 59.6 4.98 3,900 e32d161hpn392mc67m 2.000 2.625 c67 41.1 6.36 5,600 e32d161hpn562mc79m 2.000 3.125 c79 29.4 8.18 6,800 e32d161hpn682mc92m 2.000 3.625 c92 24.0 9.63 8,200 e32d161hpn822mca5m 2.000 4.125 ca5 20.5 11.21 10,000 e32d161hpn103mcb7m 2.000 4.625 cb7 17.0 12.99 12,000 e32d161hpn123mce3m 2.000 5.625 ce3 14.3 15.60 8,200 e32d161hpn822md79m 2.500 3.125 d79 22.6 11.28 12,000 e32d161hpn123mda5m 2.500 4.125 da5 15.8 15.40 18,000 e32d161hpn183mdb7m 2.500 4.625 db7 11.8 19.77 18,000 e32d161hpn183me92m 3.000 3.625 e92 14.7 19.68 22,000 e32d161hpn223meb7m 3.000 4.625 eb7 11.3 24.09 27,000 e32d161hpn273med0m 3.000 5.125 ed0 9.9 27.93 47,000 e32d161hpn473men0m 3.000 8.625 en0 6.2 46.58 ? for terminal, mounting and construction options, refer to the part numbering system for descriptions and codes. * refer to diagram of dimensions for detailed case size specifications. 470 e32d251hpn471ma41m 1.375 1.625 a41 273.0 1.89 820 e32d251hpn821ma54m 1.375 2.125 a54 155.3 2.68 1,200 e32d251hpn122ma67m 1.375 2.625 a67 106.5 3.29 1,500 e32d251hpn152ma79m 1.375 3.125 a79 85.3 3.53 1,800 e32d251hpn182ma92m 1.375 3.625 a92 71.3 4.02 2,200 e32d251hpn222maa5m 1.375 4.125 aa5 58.8 4.86 2,700 e32d251hpn272mab7m 1.375 4.625 ab7 48.5 5.51 3,300 e32d251hpn332mae3m 1.375 5.625 ae3 40.0 6.69 1,200 e32d251hpn122mc48m 2.000 1.875 c48 112.1 3.17 1,500 e32d251hpn152mc54m 2.000 2.125 c54 88.4 3.71 2,200 e32d251hpn222mc67m 2.000 2.625 c67 60.1 4.78 3,300 e32d251hpn332mc79m 2.000 3.125 c79 41.0 6.28 3,900 e32d251hpn392mc92m 2.000 3.625 c92 34.6 7.29 4,700 e32d251hpn472mca5m 2.000 4.125 ca5 29.0 8.49 5,600 e32d251hpn562mcb7m 2.000 4.625 cb7 24.7 9.72 6,800 e32d251hpn682mcd0m 2.000 5.125 cd0 20.7 11.24 5,600 e32d251hpn562md79m 2.500 3.125 d79 27.7 9.32 8,200 e32d251hpn822mda5m 2.500 4.125 da5 19.3 12.73 standard voltage ratings - screw terminals rated voltage (wvdc) capacitance (f) case size code global part number ? nominal case size* d l (inches) maximum esr (m ) at 25 c, 120hz rated ripple current (a rms) at 85 c, 120hz
united chemi-con, inc. 9801 w. higgins road, rosemont, il 60018 tel 847-696-2000 fax 847-696-9278 www.chemi-con.com 12 7 u32d series u32d large can 105 c 350 volts 400 volts surge 315 volts 365 volts surge 250 volts 300 volts surge 10,000 e32d251hpn103mdb7m 2.500 4.625 db7 18.5 14.74 12,000 e32d251hpn123mde3m 2.500 5.625 de3 13.6 17.65 10,000 e32d251hpn103me92m 3.000 3.625 e92 18.8 14.67 12,000 e32d251hpn123mea5m 3.000 4.125 ea5 15.9 16.99 15,000 e32d251hpn153med0m 3.000 5.125 ed0 12.7 20.82 18,000 e32d251hpn183mee3m 3.000 5.625 ee3 11.2 23.78 27,000 e32d251hpn273men0m 3.000 8.625 en0 7.7 35.30 180 e32d351hpn181ma41m 1.375 1.625 a41 882.3 1.43 330 e32d351hpn331ma54m 1.375 2.125 a54 475.0 2.08 470 e32d351hpn471ma67m 1.375 2.625 a67 332.0 2.52 560 e32d351hpn561ma79m 1.375 3.125 a79 277.6 3.05 680 e32d351hpn681ma92m 1.375 3.625 a92 228.5 3.36 820 e32d351hpn821maa5m 1.375 4.125 aa5 189.6 3.43 1,000 e32d351hpn102mab7m 1.375 4.625 ab7 156.0 3.87 1,200 e32d351hpn122mad0m 1.375 5.125 ad0 130.0 4.45 470 e32d351hpn471mc48m 2.000 1.875 c48 342.0 2.80 680 e32d351hpn681mc54m 2.000 2.125 c54 235.0 3.53 1,000 E32D351HPN102MC67M 2.000 2.625 c67 156.0 3.72 1,200 e32d351hpn122mc79m 2.000 3.125 c79 131.3 4.37 1,800 e32d351hpn182mc92m 2.000 3.625 c92 88.0 5.72 2,200 e32d351hpn222mcb7m 2.000 4.625 cb7 71.9 7.04 2,700 e32d351hpn272mcd0m 2.000 5.125 cd0 59.0 8.18 2,200 e32d351hpn222md79m 2.500 3.125 d79 75.0 6.75 3,300 e32d351hpn332mda5m 2.500 4.125 da5 50.0 9.32 3,900 e32d351hpn392mdb7m 2.500 4.625 db7 42.0 10.63 4,700 e32d351hpn472mde3m 2.500 5.625 de3 35.0 12.76 3,900 e32d351hpn392me92m 3.000 3.625 e92 44.0 10.58 4,700 e32d351hpn472mea5m 3.000 4.125 ea5 37.0 12.28 5,600 e32d351hpn562meb7m 3.000 4.625 eb7 32.0 14.03 6,800 e32d351hpn682med0m 3.000 5.125 ed0 27.0 16.19 10,000 e32d351hpn103men0m 3.000 8.625 en0 17.9 24.81 220 e32d3b1hpn221ma41m 1.375 1.625 a41 750.3 1.59 330 e32d3b1hpn331ma54m 1.375 2.125 a54 492.0 2.08 470 e32d3b1hpn471ma67m 1.375 2.625 a67 343.8 2.52 680 e32d3b1hpn681ma79m 1.375 3.125 a79 237.8 3.36 820 e32d3b1hpn821ma92m 1.375 3.625 a92 197.2 3.14 1,000 e32d3b1hpn102maa5m 1.375 4.125 aa5 161.9 8.46 1,200 e32d3b1hpn122mad0m 1.375 5.125 ad0 134.9 9.96 470 e32d3b1hpn471mc48m 2.000 1.875 c48 354.0 2.80 680 e32d3b1hpn681mc54m 2.000 2.125 c54 243.1 3.53 1,000 e32d3b1hpn102mc67m 2.000 2.625 c67 164.1 3.72 1,200 e32d3b1hpn122mc79m 2.000 3.125 c79 135.9 4.37 1,800 e32d3b1hpn182mc92m 2.000 3.625 c92 91.0 5.72 2,200 e32d3b1hpn222mca5m 2.000 4.125 ca5 75.0 6.70 2,700 e32d3b1hpn272mcb7m 2.000 4.625 cb7 61.3 7.80 3,300 e32d3b1hpn332mce3m 2.000 5.625 ce3 50.3 9.44 2,200 e32d3b1hpn222md79m 2.500 3.125 d79 77.0 6.75 3,300 e32d3b1hpn332mda5m 2.500 4.125 da5 51.7 9.32 3,900 e32d3b1hpn392mdb7m 2.500 4.625 db7 43.7 10.63 4,700 e32d3b1hpn472mdd0m 2.500 5.125 dd0 36.9 12.22 3,900 e32d3b1hpn392me92m 3.000 3.625 e92 45.7 10.58 4,700 e32d3b1hpn472mea5m 3.000 4.125 ea5 38.2 12.28 5,600 e32d3b1hpn562meb7m 3.000 4.625 eb7 32.4 14.03 6,800 e32d3b1hpn682med0m 3.000 5.125 ed0 27.2 16.19 8,200 e32d3b1hpn822mee3m 3.000 5.625 ee3 23.1 18.53 12,000 e32d3b1hpn123men0m 3.000 8.625 en0 16.0 27.17 ? for terminal, mounting and construction options, refer to the part numbering system for descriptions and codes. * refer to diagram of dimensions for detailed case size specifications. standard voltage ratings - screw terminals rated voltage (wvdc) capacitance (f) case size code global part number ? nominal case size* d l (inches) maximum esr (m ) at 25 c, 120hz rated ripple current (a rms) at 85 c, 120hz
u32d series united chemi-con, inc. 9801 w. higgins road, rosemont, il 60018 tel 847-696-2000 fax 847-696-9278 www.chemi-con.com 12 8 u32d large can 105 c 400 volts 450 volts surge 350 volts 400 volts surge 180 e32d401hpn181ma41m 1.375 1.625 a41 806.0 1.43 270 e32d401hpn271ma54m 1.375 2.125 a54 528.4 1.88 390 e32d401hpn391ma67m 1.375 2.625 a67 364.1 2.30 470 e32d401hpn471ma79m 1.375 3.125 a79 301.2 2.79 680 e32d401hpn681ma92m 1.375 3.625 a92 209.0 2.86 820 e32d401hpn821mab7m 1.375 4.625 ab7 172.9 3.50 1,000 e32d401hpn102mad0m 1.375 5.125 ad0 142.0 4.06 390 e32d401hpn391mc48m 2.000 1.875 c48 374.9 2.55 560 e32d401hpn561mc54m 2.000 2.125 c54 259.0 3.21 820 e32d401hpn821mc67m 2.000 2.625 c67 176.0 3.37 1,000 e32d401hpn102mc79m 2.000 3.125 c79 143.3 3.99 1,500 e32d401hpn152mc92m 2.000 3.625 c92 96.0 5.22 2,200 e32d401hpn222mcb7m 2.000 4.625 cb7 66.0 7.04 2,700 e32d401hpn272mce3m 2.000 5.625 ce3 54.0 8.54 1,800 e32d401hpn182md79m 2.500 3.125 d79 82.0 6.10 2,700 e32d401hpn272mda5m 2.500 4.125 da5 55.0 8.43 3,300 e32d401hpn332mdb7m 2.500 4.625 db7 45.4 9.78 3,900 e32d401hpn392mdd0m 2.500 5.125 dd0 39.0 11.13 3,300 e32d401hpn332me92m 3.000 3.625 e92 48.0 9.73 3,900 e32d401hpn392mea5m 3.000 4.125 ea5 40.3 11.18 4,700 e32d401hpn472meb7m 3.000 4.625 eb7 34.0 12.86 5,600 e32d401hpn562med0m 3.000 5.125 ed0 29.0 14.69 10,000 e32d401hpn103men0m 3.000 8.625 en0 17.0 24.81 4,700 e32d401lln472mfa5m 3.500 4.125 fa5 36.0 15.19 5,600 e32d401lln562mfb7m 3.500 4.625 fb7 32.0 16.73 6,800 e32d401lln682mfe3m 3.500 5.625 fe3 25.0 20.58 ? for terminal, mounting and construction options, refer to the part numbering system for descriptions and codes. * refer to diagram of dimensions for detailed case size specifications. 5,600 e32d351lln562mfa5m 3.500 4.125 fa5 35.0 15.40 6,800 e32d351lln682mfb7m 3.500 4.625 fb7 30.0 17.28 8,200 e32d351lln822mfe3m 3.500 5.625 fe3 24.0 21.00 standard voltage ratings - screw terminals rated voltage (wvdc) capacitance (f) case size code global part number ? nominal case size* d l (inches) maximum esr (m ) at 25 c, 120hz rated ripple current (a rms) at 85 c, 120hz


▲Up To Search▲   

 
Price & Availability of E32D351HPN102MC67M

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X